Part Number Hot Search : 
MT8963 035CT 93LC4 28F800 MA150 T138AF C5750 RM21B
Product Description
Full Text Search
 

To Download 3DD13002B-TO-92 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
TO-92 Plastic-Encapsulate Transistors
3DD13002/ 3DD13002B
FEATURE Power dissipation PCM: Collector current ICM: 900
TRANSISTOR (NPN)
TO-92
1. EMITTER
mW (Tamb=25)
2. COLLECTOR
3. BASE
3DD13002: 1A 3DD13002B: 0.8 A Collector-base voltage 600 V V(BR)CBO: Operating and storage junction temperature range TJ, Tstg: -55 to +150
123
ELECTRICAL CHARACTERISTICS (Tamb=25
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current Emitter cut-off current Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO hFE(1) hFE(2) Collector-emitter saturation voltage Base-emitter saturation voltage Transition frequency Fall time Storage time VCE(sat) VBE(sat) fT tf ts
unless otherwise specified)
Test conditions MIN 600 400 6 100 100 9 6 0.5 1.1 5 0.5 2.5 V V MHz s s 40 TYP MAX UNIT V V V A A
Ic=100A, IE=0 Ic= 1mA, IB=0 IE= 100A, IC=0 VCB= 600V, IE=0 VEB= 6V, IC=0 VCE= 10V, IC= 200 mA VCE= 10V, IC= 10 mA IC=200mA, IB= 40 mA IC=200mA, IB=40 mA VCE=10V, Ic=100mA f =1MHz IC=1A, IB1=-IB2=0.2A VCC=100V
CLASSIFICATION OF hFE(1)
Range 9-15 15-20 20-25 25-30 30-35 35-40


▲Up To Search▲   

 
Price & Availability of 3DD13002B-TO-92

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X